Part Number Hot Search : 
167BZXC MCD56 A504ERW 001456 K6A60D IRF9632 01500 D8407N
Product Description
Full Text Search
 

To Download MLL5232B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5221UR thru 1N5281BUR, e3 (or MLL5221 thru MLL5281B, e3)
SCOTTSDALE DIVISION
500 mW GLASS SURFACE MOUNT ZENER DIODES
DESCRIPTION The 1N5221BUR thru 1N5281BUR series of 0.5 watt Zener Voltage Regulators provides a surface mount equivalent to the popular JEDEC registered 1N5221B to 1N5281B for 2.4 to 200 volts in standard 5% tolerances as well as tighter tolerances identified by different suffix letters on the part number. These are also available with an internal-metallurgicalbond option by adding a "-1" suffix (see separate data sheet). Microsemi also offers numerous other Zener products to meet higher and lower power applications.
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
APPEARANCE
WWW .Microsemi .C OM
DO-213AA
FEATURES
* * * * Surface mount equivalents to the JEDEC registered 1N5221 thru 1N5281B series Hermetically sealed surface mount package RoHS Compliant devices available by adding "e3" suffix Internal metallurgical bond option available by adding a "-1" suffix (see separate data sheet for same part numbers with "-1" suffix) DO-7 or DO-35 glass body axial-leaded Zener equivalents also available per JEDEC registration (see separate data sheet for part numbers 1N5221 thru 1N5281B series * * * * * * *
APPLICATIONS / BENEFITS
Regulates voltage over a broad operating current and temperature range Selection from 2.4 to 200 V Standard voltage tolerances are plus/minus 5% with B suffix identification and 10 % with A suffix Tight tolerances available in plus or minus 2% or 1% with C or D suffix respectively Nonsensitive to ESD per MIL-STD-750 Method 1020 Minimal capacitance (see Figure 3) Inherently radiation hard as described in Microsemi MicroNote 050
*
MAXIMUM RATINGS
* * Operating and Storage temperature: -65 C to +175 C Thermal Resistance: 150C/W junction to end cap and 300C/W junction to ambient when mounted on FR4 PC board (1 oz Cu) with recommended footprint (see last page) Steady-State Power: 0.5 watts at end cap temperature TEC < 100oC or ambient temperature TA < 25C when mounted on FR4 PC board as described for thermal resistance above (see Figure 2 for derating) Forward voltage @200 mA: 1.1 volts (maximum) Solder Temperatures: 260 C for 10 seconds (max)

MECHANICAL AND PACKAGING
* * CASE: Hermetically sealed glass DO-213AA (SOD80 or MLL34) MELF style package FINISH: End caps Tin-Lead or RoHS Compliant annealed matte-Tin plating solderable per MIL-STD750, method 2026 POLARITY: Cathode indicated by band where diode is to be operated with the banded end positive with respect to the opposite end for Zener regulation MARKING: cathode band only TAPE & REEL option: Standard per EIA-481-B with 12 mm tape, 2000 per 7 inch reel or 5000 per 13 inch reel (add "TR" suffix to part number) WEIGHT: 0.04 grams See package dimensions on last page
*
*
* *
* * * *
1N5221UR thru 1N5281BUR
Copyright (c) 2005 8-29-2005 REV B
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
1N5221UR thru 1N5281BUR, e3 (or MLL5221 thru MLL5281B, e3)
SCOTTSDALE DIVISION
500 mW GLASS SURFACE MOUNT ZENER DIODES
ELECTRICAL CHARACTERISTICS*
INDUSTRY PART NUMBER (NOTES 1 & 4) Nominal Zener Voltage Test Current Max Zener Impedance A and B suffix only A and B Suffix only Non-Suffix Max Reverse Leakage Current
WWW .Microsemi .C OM
IZT
VZ @ IZT
(Note 2) Volts mA 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8 3.4 3.2 3.0 2.7 2.5 2.2 2.1 2.0 1.8 1.7 1.5 1.4 1.4 1.3 1.1 1.0 .95 .90 .85 .80 .74 .68 .66 .65
Max Zener Voltage Temperature Coeff. (A and B Suffix only) (Note 3)
ZZT @ IZT
Ohms 30 30 30 30 29 28 24 23 22 19 17 11 7.0 7.0 5.0 6.0 8.0 8.0 10 17 22 30 13 15 16 17 19 21 23 25 29 33 35 41 44 49 58 70 80 93 105 125 150 170 185 230 270 330 370 400 500 750 900 1100 1300 1500 1700 1900 2200 2400 2500
ZZK @ IZK =
0.25Ma Ohms 1200 1250 1300 1400 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1100 1300 1400 1400 1600 1700 2000 2200 2300 2600 3000 4000 4500 4500 5000 5500 5500 6000 6500 7000
A 100 100 75 75 50 25 15 10 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 A 0.95 0.95 0.95 0.95 0.95 0.95 0.95 0.95 0.95 1.9 1.9 2.9 3.3 3.8 4.8 5.7 6.2 6.2 6.7 7.6 8.0 8.7 9.4 9.5 10.5 11.4 12.4 13.3 13.3 14.3 16.2 17.1 18.1 20 20 22 24 26 29 31 34 37 41 44 45 49 53 59 65 66 72 80 86 94 101 108 116 123 130 137 144
IR
@
VR
Volts B 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 10 11 12 13 14 14 15 17 18 19 21 21 23 25 27 30 33 36 39 43 46 47 52 56 62 68 69 76 84 91 99 106 114 122 129 137 144 152
IR @ VR Used
for Suffix A A 200 200 150 150 100 100 100 75 50 50 50 50 50 50 30 30 30 30 30 30 30 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
VZ (%/oC)
-0.085 -0.085 -0.080 -0.080 -0.075 -0.070 -0.065 -0.060 +/-0.055 +/-0.030 +/-0.030 +0.038 +0.038 +0.045 +0.050 +0.058 +0.062 +0.065 +0.068 +0.075 +0.076 +0.077 +0.079 +0.082 +0.082 +0.083 +0.084 +0.085 +0.086 +0.086 +0.087 +0.088 +0.089 +0.090 +0.091 +0.091 +0.092 +0.093 +0.094 +0.095 +0.095 +0.096 +0.096 +0.097 +0.097 +0.097 +0.098 +0.098 +0.099 +0.099 +0.0110 +0.0110 +0.0110 +0.0110 +0.0110 +0.0110 +0.0110 +0.0110 +0.0110 +0.0110 +0.0110
1N5221UR 1N5222UR 1N5223UR 1N5224UR 1N5225UR 1N5226UR 1N5227UR 1N5228UR 1N5229UR 1N5230UR 1N5231UR 1N5232UR 1N5233UR 1N5234UR 1N5235UR 1N5236UR 1N5237UR 1N5238UR 1N5239UR 1N5240UR 1N5241UR 1N5242UR 1N5243UR 1N5244UR 1N5245UR 1N5246UR 1N5247UR 1N5248UR 1N5249UR 1N5250UR 1N5251UR 1N5252UR 1N5253UR 1N5254UR 1N5255UR 1N5256UR 1N5257UR 1N5258UR 1N5259UR 1N5260UR 1N5261UR 1N5262UR 1N5263UR 1N5264UR 1N5265UR 1N5266UR 1N5267UR 1N5268UR 1N5269UR 1N5270UR 1N5271UR 1N5272UR 1N5273UR 1N5274UR 1N5275UR 1N5276UR 1N5277UR 1N5278UR 1N5279UR 1N5280UR 1N5281UR
2.4 2.5 2.7 2.8 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 68 75 82 87 91 100 110 120 130 140 150 160 170 180 190 200
1N5221UR thru 1N5281BUR
* TA = 25oC unless otherwise noted. Based on dc measurements at thermal equilibrium; case temperature maintained at 30 +/- 2oC. for all types. See further Notes on following page.
VF = 1.1V max @ IF = 200 mA
Page 2
Copyright (c) 2005 8-29-2005 REV B
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
1N5221UR thru 1N5281BUR, e3 (or MLL5221 thru MLL5281B, e3)
SCOTTSDALE DIVISION
500 mW GLASS SURFACE MOUNT ZENER DIODES
NOTE 1: NOTE 2: NOTE 3:
NOTE 4:
Table as shown lists type numbers, which indicate a tolerance of +/-20% with guaranteed limits on only VZ, IR, and VF. Devices with guaranteed limits on all six parameters are indicated by suffix "A" for +/-10%, "B" for +/-5%, "C" for +/-2%, and "D" for +/-1% tolerance. The electrical characteristics are measured after allowing the device to stabilize for 20 seconds. Temperature coefficient (vz). Test conditions for temperature coefficient are as follows: IZT = 7.5 mA, T1 = 25oC, a. T2 = 125oC (1N5221AUR & BUR thru 1N5242AUR & BUR) b. IZT = Rated IZT, T1 = 25oC, T2 = 125oC (1N5243AUR & BUR thru 1N5281AUR & BUR) Device to be temperature stabilized with current applied prior to reading breakdown voltage at the specified ambient temperature. These devices may be ordered as either 1N5221UR thru 1N5281BUR or as MLL5221 thru MLL5281B part numbers.
WWW .Microsemi .C OM
GRAPHS
TEMPERATURE COEFFICIENT %/ C
TEMPERATURE COEFFICIENT mV/ C
RATED POWER DISSIPATION
o
Voltage Temperature o Coefficient %/ C
TEC
mV Change /C
TA
TEC - End Cap Temperature ( C), or TA Ambient Temperature on FR4 PC BOARD
o
o
NOMINAL ZENER VOLTAGE (VOLTS)
FIGURE 1 POWER DERATING CURVE
FIGURE 2 ZENER VOLTAGE TEMPERATURE COEFFICIENT vs. ZENER VOLTAGE PACKAGE DIMENSIONS
DIM A B C
INCHES MIN MAX 0.063 0.067 0.130 0.146 0.016 0.022
MILLIMETERS MIN MAX 1.60 1.70 3.30 3.70 0.41 0.55
1N5221UR thru 1N5281BUR
A B C
INCHES .200 .055 .080
mm 5.08 1.40 2.03
PAD LAYOUT FIGURE 3 CAPACITANCE vs. ZENER VOLTAGE (TYPICAL)
Copyright (c) 2005 8-29-2005 REV B
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3


▲Up To Search▲   

 
Price & Availability of MLL5232B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X